Part Number Hot Search : 
LCC3600A MLL41 LM293AN 101J1 20N06 S1312 LA7390 AD7543KN
Product Description
Full Text Search
 

To Download IDT74FCT163373C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74FCT163373A/C 3.3V CMOS 16-BIT TRANSPARENT LATCH
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS 16-BIT TRANSPARENT LATCH
IDT74FCT163373A/C
* 0.5 MICRON CMOS Technology * Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range, or VCC = 2.7V to 3.6V, Extended Range * CMOS power levels (0.4 W typ. static) * Rail-to-rail output swing for increased noise margin * Low Ground Bounce (0.3V typ.) * Inputs (except I/O) can be driven by 3.3V or 5V components * Available in SSOP and TSSOP packages
FEATURES:
DESCRIPTION:
The FCT163373 16-bit transparent D-type latches are built using advanced dual metal CMOS technology. These high-speed, low-power latches are ideal for temporary storage of data. They can be used for implementing memory address latches, I/O ports, and bus drivers. The Output Enable and Latch Enable controls are organized to operate each device as two 8-bit latches or one 16-bit latch. Flow-through organization of signal pins simplifies layout. All inputs are designed with hysteresis for improved noise margin. The inputs of FCT163373 can be driven from either 3.3V or 5V devices. This feature allows the use of these transparent latches as translators in a mixed 3.3V/5V supply system. With xLE inputs high, the FCT163373 can be used as a buffer to connect 5V components to a 3.3V bus.
FUNCTIONAL BLOCK DIAGRAM
1 1OE 48 1LE 47 1D1 2LE 2OE
24
25 36 2D1 2 1O1
D
D
13 2O1
C
C
TO SEVEN OTHER CHANNELS
TO SEVEN OTHER CHANNELS
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 2002 Integrated Device Technology, Inc.
MAY 2002
DSC-5416/2
IDT74FCT163373A/C 3.3V CMOS 16-BIT TRANSPARENT LATCH
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
ABSOLUTE MAXIMUM RATINGS(1)
Symbol VTERM(2)
1LE 1D1 1D2
Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current
Max -0.5 to +4.6 -0.5 to 7 -0.5 to VCC+0.5 -65 to +150 -60 to +60
Unit V V V C mA
1OE 1O1 1O2
VTERM(3) VTERM(4) TSTG IOUT
GND
1O3 1O4
GND
1D3 1D4
VCC
1O5 1O6
VCC
1D5 1D6
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. Vcc terminals. 3. Input terminals. 4. Outputs and I/O terminals.
GND
1O7 1O8 2O1 2O2
GND
1D7 1D8 2D1 2D2
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. 6 8 Unit pF pF
NOTE: 1. This parameter is measured at characterization but not tested.
GND
2O3 2O4
GND
2D3 2D4
PIN DESCRIPTION
Pin Names xDx xLE xOE xOx Description Data Inputs Latch Enable Input (Active HIGH) Output Enable Input (Active LOW) 3-State Outputs
VCC
2O5 2O6
VCC
2D5 2D6
GND
2O7 2O8 2OE
GND
2D7 2D8 2LE
FUNCTION TABLE(1)
xDx H L X X Inputs xLE H H L X xOE L L L H Outputs xBx H L O(2) Z
SSOP/ TSSOP TOP VIEW
NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance 2. Output level before the indicated steady-state input conditions were established.
2
IDT74FCT163373A/C 3.3V CMOS 16-BIT TRANSPARENT LATCH
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 2.7V to 3.6V
Symbol VIH VIL IIH IIL IOZH IOZL VIK IODH IODL VOH Parameter Input HIGH Level (Input pins) Input HIGH Level (I/O pins) Input LOW Level (Input and I/O pins) Guaranteed Logic LOW Level Input HIGH Current (Input pins) Input HIGH Current (I/O pins) Input LOW Current (Input pins) Input LOW Current (I/O pins) High Impedance Output Current (3-State Output pins) Clamp Diode Voltage Output HIGH Current Output LOW Current Output HIGH Voltage VCC = Min., IIN = -18mA VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V VCC = Min. VIN = VIH or VIL VCC = 3V VIN = VIH or VIL VOL Output LOW Voltage VCC = Min. VIN = VIH or VIL VCC = 3V VIN = VIH or VIL IOS VH ICCL ICCH ICCZ Short Circuit Current Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC
(4) (3) (3)
Test Conditions(1) Guaranteed Logic HIGH Level
Min. 2 2 -0.5
Typ.(2) -- -- -- -- -- -- -- -- -- -0.7 -60 90 -- 3 3 -- 0.2 0.3 0.3 -135 150 0.1
Max. 5.5 VCC+0.5 0.8 1 1 1 1 1 1 -1.2 -110 200 -- -- -- 0.2 0.4 0.55 0.5 -240 -- 10
Unit V V A
VCC = Max.
VI = 5.5V VI = VCC VI = GND VI = GND
-- -- -- -- -- -- -- -36 50 VCC-0.2 2.4 2.4
(5)
VCC = Max.
VO = VCC VO = GND
A
V mA mA V
IOH = -0.1mA IOH = -3mA IOH = -8mA IOL = 0.1mA IOL = 16mA IOL = 24mA IOL = 24mA
-- -- -- -- -60
V
VCC = Max., VO = GND(3) --
mA mV A
-- --
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, +25C ambient. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. This parameter is guaranteed but not tested. 5. VOH = VCC-0.6V at rated current.
3
IDT74FCT163373A/C 3.3V CMOS 16-BIT TRANSPARENT LATCH
INDUSTRIAL TEMPERATURE RANGE
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) Test Conditions(1) VCC = Max. VIN = VCC -0.6V(3) VCC = Max. Outputs Open xOE = GND One Input Toggling 50% Duty Cycle VCC = Max., Outputs Open fi = 10MHz 50% Duty Cycle xOE = GND xLE = VCC One Bit Toggling VCC = Max., Outputs Open fi = 2.5MHz 50% Duty Cycle xOE = GND xLE = VCC Sixteen Bits Toggling VIN = VCC VIN = GND Min. -- -- Typ.(2) 2 50 Max. 30 75 Unit A A/ MHz
IC
Total Power Supply Current(6)
VIN = VCC VIN = GND VIN = VCC -0.6V VIN = GND VIN = VCC VIN = GND VIN = VCC -0.6V VIN = GND
--
0.5
0.8
mA
-- -- --
0.5 2 2
0.8 3(5) 3.3(5)
NOTES: 1. For conditions shown as max. or min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, +25C ambient. 3. Per TTL driven input; all other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + DICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
4
IDT74FCT163373A/C 3.3V CMOS 16-BIT TRANSPARENT LATCH
INDUSTRIAL TEMPERATURE RANGE
SWITCHING CHARACTERISTICS OVER OPERATING RANGE(1)
Symbol tPLH tPHL tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tH tW tSK(o) Parameter Propagation Delay xDx to xOx Propagation Delay xLE to xOx Output Enable Time Output Disable Time Set-up Time HIGH or LOW, xDx to xLE Hold Time HIGH or LOW, xDx to xLE xLE Pulse Width HIGH Output Skew(4) Condition(2) CL = 50pF RL = 500 FCT163373A Min.(3) Max. 1.5 5.2 2 1.5 1.5 2 1.5 5 -- 8.5 6.5 5.5 -- -- -- 0.5 FCT163373C Min.(3) Max. 1.5 4.2 2 1.5 1.5 2 1.5 5 -- 5.5 5.5 5 -- -- -- 0.5 Unit ns ns ns ns ns ns ns ns
NOTES: 1. Propagation Delays and Enable/Disable times are with VCC = 3.3V 0.3V, Normal Range. For VCC = 2.7V to 3.6V, Extended Range, all Propagation Delays and Enable/Disable times should be degraded by 20%. 2. See test circuit and waveforms. 3. Minimum limits are guaranteed but not tested on Propagation Delays. 4. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.
5
IDT74FCT163373A/C 3.3V CMOS 16-BIT TRANSPARENT LATCH
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS
V CC 500 VIN Pulse Generator RT D.U.T. 50pF CL 500 VOUT 6v Open GND
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch 6V GND Open
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test Circuits for All Outputs
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC.
tSU
tH
tREM
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
1.5V
1.5V
tSU
tH
Pulse Width
Set-up, Hold, and Release Times
ENABLE SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH 6V tPZH SWITCH GND 3V 1.5V tPHZ 0.3V 1.5V 0V 0V VOH tPLZ DISABLE 3V 1.5V 0V 3V 0.3V VOL
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 3. if VCC is below 3V, input voltage swings should be adjusted not to exceed VCC.
6
IDT74FCT163373A/C 3.3V CMOS 16-BIT TRANSPARENT LATCH
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT FCT XXX XX Family Temp. Range XXXX Device Type X Package
PV PA
Shrink Small Outline Package Thin Shrink Small Outline Package
373A 373C 163 74
Non-Inverting 16-Bit Transparent Latch
Double-Density 3.3Volt - 40C to +85C
DATA SHEET DOCUMENT HISTORY
4/22/2002 5/21/2002 Removed blank speed grade Removed TVSOP package
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
7


▲Up To Search▲   

 
Price & Availability of IDT74FCT163373C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X